all dimensions are in inches. tolerances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revisions. specifications are subject to chan ge without notice. registered trademarks are the property of their respective companies. model 5305 breakout: bnc ( fem ale) to smd grabber test clips sales: 800 - 490 - 2361 fax: 888 - 403 - 3360 technical assistance: 800 - 241 - 2060 for ?where to buy? information, visit the pomona web site at www.pomonaelectronics.com page 1 of 1 rev : 100 d 1094366 features: converts bnc (male) cables / connectors to smd test clips for test versatility . grabber pincer and bnc center contact are gold plated excellent corrosion resistance and low contact resistance to ensure test signal integrity. bnc connector is molded directly to the wire for pull strength durability and dust and moisture resistance . smd clips attach to terminals up to . 040 ? ( 1,0 mm) diameter . black wire is connected to bnc shell, red wire to bnc center contact . mater ials: bnc : nickel p lated brass , center contact: gold p lated beryllium copper dielectric : ptfe wire : 2 2 awg, pvc insulated grabber pincer : stainless steel, gold plated, spring: stainless steel insulation : glass filled nylon , c olor matches color of wire rat ings: operating voltage: hands free testing in controlled voltage environments: 150 vrms max. operating temperature: +1 31 f (+5 5 c ) max . ordering information: model 5305 * * custom lengths are available, contact pomona product support at: 1 - 800 - 241 - 206 0
|